Part Number Hot Search : 
AQY414SX MSM6586 TCR2DG22 ZD120180 COLOR DS8830 3410B 20060
Product Description
Full Text Search
 

To Download CMBT200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PIN CONFIGURATION (PNP)
1 = BASE 2 = EMITTER 3 = COLLECTOR
CMBT200 CMBT200A SOT23
MARKING : AS BELOW
3
1
2
Designed for General Purpose Amplifier Applications. ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise noted) DESCRIPTION SYMBOL VALUE VCBO 60 Collector -Base Voltage VCEO 45 Collector -Emitter Voltage VEBO 6.0 Emitter Base Voltage IC 500 Collector Current - Continuous PD 350 Power Dissipation 2.8 Derate Above=25 deg C Tj, Tstg -55 to +150 Operating And Storage Junction Temperature Range Thermal Resistance (Rth j-a) 357 Junction to Ambient ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Noted) DESCRIPTION SYMBOL TEST CONDITION MIN MAX VCBO IC=10uA, IE=0 60 Collector -Base Voltage VCEO IC=1mA, IB=0 45 Collector -Emitter Voltage VEBO IE=10uA, IC=0 6.0 Emitter Base Voltage ICBO VCB=50V, IE=0 50 Collector Cut off Current ICES VCE=4V, IE=0 50 IEBO VEB=4V, IC=0 50 Emitter Cut off Current hFE IC=100uA,VCE=1V CMBT200 80 DC Current Gain CMBT200A 240 IC=10mA,VCE=1V CMBT200 CMBT200A CMBT200A CMBT200 CMBT200A 100 300 100 100 100 450 600 350 -
UNIT V V V mA mW mW/deg C deg C
deg C/W UNIT V V V nA nA nA
IC=100mA,VCE=1V* IC=150mA,VCE=5V*
Continental Device India Limited
Data Sheet
Page 1 of 3
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Noted) CMBT200, A DESCRIPTION SYMBOL TEST CONDITION MIN MAX 0.2 Collector Emitter Saturation Voltage VCE(Sat) IC=10mA, IB=1mA IC=200mA, IB=20mA* 0.4 VBE(Sat) IC=10mA,VCE=1V 0.85 Base Emitter Saturation Voltage IC=200mA, IB=20mA* 1.0 Dynamic Characteristics ft VCE=20V,IC=20mA, 250 Transition Frequency Cobo VCB=10V, f=1MHz 6.0 Output Capacitance NF IC=100uA, VCE=5V CMBT200 5.0 Noise Figure Rg=2 Kohms , f=1.0 CMBT200A 4.0 kHz CMBT200 CMBT200A DEVICE MARKING N2 N2A *Pulse test : Pulse Width =300us, duty cycle=2%
UNIT V V V V MHz pF dB dB
SOT-23 Formed SMD Package
0.05 2.50 0.02 0.60 0.025 1.30 0.02 0.60
SOT-23 Package Reel Information
Reel specifications for W" Packing (13" reel)
14.4 MAX o100.0 0.5 / o54.5 0.5 o329.2 0.5 / 178 0.5 7.9 - 10.9 9.2 0.5
+0.08
0.025 2.90
0.05 1.90
0.40 -0.02
1
cL
3
+0.5 -0.2 o13.0
180 or 330 TRAILER
2
o20.2 MIN
3
3
DETAIL X
0.02 0.60
PARTING LINE RO.08 0.01 0.12 4" 3" 0.04 0.06 R0.08
0.025 0.95
All dime nsions in m m 330 / 180 mm - Antistatic Co ated Plastic Reel N O TES : N o. of D evices 1. 2. 3. 4. 5. 8m m Ta pe Size of Reel 330 mm (13") 10,000 Pcs 8m m Ta pe Size of Reel 180 mm (7") 3,000 Pcs
6
0.21
7 0.05 2.50
5
The ba ndolier of 330 mm ree l contains at least 10,000 devices. The ba ndolier of 180 mm ree l contains at least 3,000 d evices. N o m ore than 0.5% missing device s / reel. 50 em pty com partm ents fo r 330 m m reel. 15 em pty com partments for 18 0 m m reel. Three consecutive em pty places m ight be found provided this gap is follow ed by 6 consecutive devices. The carrier tap e (lead er) sta rts w ith at least 75 em pty p ositions (equivalent to 330 m m). In order to fix the carrie r tape a self adhesive tape of 20 to 50 mm is applied. At the en d of the bandolier at least 40 emp ty positions (equivalent to 1 60 m m ) are th ere.
Continental Device India Limited
Data Sheet
Page 2 of 3
FIXING TAPE
0.08
LEADER
0.02 0.60 1.30 7 0.08
0.02 0.60
2.0 0.5
Tape Specification for SOT-23 Surface Mount Device
0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 0.05 1.55
0.10 2.77 0.1 1.22 1.6 MAX
1.0 0.10 3.15
Direction of Unreeling
All dimensions in mm
Packing Detail
PACKAGE Details SOT-23 T&R 3K/reel 10K/reel STANDARD PACK Net Weight/Qty 136 gm/3K pcs 415 gm/10K pcs Size 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" INNER CARTON BOX Qty 12.0K 51.0K 10.0K Size 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" OUTER CARTON BOX Qty 192.0K 408.0K 300.0K Gr Wt 12 kgs 28 kgs 16 kgs
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Data Sheet Page 3 of 3
Continental Device India Limited


▲Up To Search▲   

 
Price & Availability of CMBT200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X